PART |
Description |
Maker |
ST95040 ST95040B1TR ST95040B3TR ST95040B6TR ST9504 |
4K serial SPI EEPROM with positive clock strobe 4/2/1 KBITS SERIAL SPI EEPROM WITH POSITIVE CLOCK STROBE (ST950x0) 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe MOSFET, N SOT-23MOSFET, N SOT-23; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SOT-23; Current, Id cont:2.6A; Current, Idm pulse:10A; Power, Pd:0.75W; Resistance, Rds on:0.07R; SMD:1; Current, Id 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe 4K/2K/1K串行SPI EEPROM,带有正时钟选 SPI Serial EEPROM SPI串行EEPROM 2K serial SPI EEPROM with positive clock strobe
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
CAT25C08L-1.8 CAT25C08SI-1.8TE13 CAT25C08S-1.8TE13 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 LEAD FREE AND HALOGEN FREE, PLASTIC, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD FREE AND HALOGEN FREE, SOIC-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 256 X 8 SPI BUS SERIAL EEPROM, PDSO14 512 X 8 SPI BUS SERIAL EEPROM, PDSO14
|
Fox Electronics
|
25C256 CAT25C256 25C128 CAT25C128 CAT25C256S16-1.8 |
256K SPI serial CMOS EEPROM 1.8-6.0V 128K SPI serial CMOS EEPROM 2.5-6.0V SPI Serial EEPROM SPI串行EEPROM 128K/256K-BitSPISerialCMOSE2PROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64KK的8电池电压的CMOS E2PROM 128K SPI serial CMOS EEPROM 1.8-6.0V 256K SPI serial CMOS EEPROM 2.5-6.0V 128K/256K-Bit SPI Serial CMOS E2PROM
|
http:// STMicroelectronics N.V. Semtech, Corp. Abracon, Corp. CatalystSemiconductor CATALYST[Catalyst Semiconductor]
|
CA-T25128LE-T2 CAT25128LE-GT2 CA-T25128LI-T2 CAT25 |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 0.300 INCH, HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, MS-001, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 2 X 3 MM, HALOGEN FREE AND ROHS COMPLIANT, MO-229, TDFN-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 128 kb SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
NM25C020 NM25C020LVMT8 NM25C020LVM8 NM25C020VM8X N |
SPI Serial EEPROM 2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT25DF02109 AT25DF021-SH-B AT25DF021-SH-T AT25DF02 |
IC FLASH MEM 2MB SPI SER 8UDFN 2M X 1 SPI BUS SERIAL EEPROM, DSO8 2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. http:// 聚兴科技股份有限公司 ATMEL Corporation
|
CAT25C02LITE13 CAT25C02YI-1.8TE13 CAT25C04LITE13 C |
512 X 8 SPI BUS SERIAL EEPROM, PDSO8 1K/2K/4K SPI Serial CMOS EEPROM
|
CATALYST[Catalyst Semiconductor] http://
|
M95512-R M95512-W M95512-RDW6 |
64K X 8 SPI BUS SERIAL EEPROM, PDSO8 512Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics 意法半导
|
AT25010A AT25020A-10PU-1.8 |
SPI Serial EEPROM 256 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Atmel, Corp. http://
|
M95160 M95160-BN3T M95160-BN5T M95160-BN6T M95160D |
8K X 8 SPI BUS SERIAL EEPROM, PDIP8 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics SGS Thomson Microelectronics
|
M95080-MB3 M95080-MB3T M95080-MB6 M95080-MB6T M951 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 2K X 8 SPI BUS SERIAL EEPROM, PDIP8 16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock 16Kbit8Kbit SPI总线串行EEPROM的高速时 16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock 16KbitKbit SPI总线串行EEPROM的高速时
|
STMicroelectronics N.V. 意法半导 ST Microelectronics http://
|